|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Product Description Sirenza Microdevices' SGB-6433 is a high performance SiGe HBT MMIC amplifier utilizing a Darlington configuration with an active bias network. The active bias network provides stable current over temperature and process Beta variations. Designed to run directly from a 5V supply the SGB-6433 does not require a drop resistor as compared to typical Darlington amplifiers. This robust amplifier features a Class 1C ESD rating, low thermal resistance , and unconditional stability. The SGB-6433 product is designed for high linearity 5V gain block applications that require small size and minimal external components. It is on chip matched to 50 ohm and an external bias inductor choke is required for the application band. SGB-6433 DC-3.5 GHz Active Bias Gain Block Product Features Functional Block Diagram Vbias VCC NC NC Active Bias NC NC NC NC RFOUT * * * * * * * * * High reliability SiGe HBT Technology Robust Class 1C ESD Simple and small size P1dB = 18.5 dBm @ 1950MHz IP3 = 31 dBm @ 1950MHz Low Thermal Resistance = 60 C/W RFIN NC NC Applications 5V applications LO buffer amp RF pre-driver and RF receive path Key Specifications Symbol fO S21 Parameters: Test Conditions Z0 = 50, VCC = 5.0V, Ic =88mA, T = 30C) Frequency of Operation Small Signal Gain - 850MHz Small Signal Gain - 1950MHz Small Signal Gain - 2400MHz Output Power at 1dB Compression - 850MHz P1dB Output Power at 1dB Compression - 1950MHz Output Power at 1dB Compression - 2400MHz Output IP3 - 850MHz OIP3 Output IP3 - 1950MHz Output IP3 - 2400MHz IRL ORL Ic NF Rth, j-l Input Return Loss @1950MHz Output Return Loss @1950MHz Current Noise Figure @1950MHz Thermal Resistance (junction - lead) dB dB mA dB C/W 12.0 8.5 76 dB 28.5 dBm 16.5 dB 14.5 Unit MHz Min. DC 20.0 16.0 15.0 18.5 18.5 17.5 33.0 31.0 31.0 15 11.5 88 4.1 60 98 5.1 17.5 Typ. Max. 3500 The information provided herein is believed to be reliable at press time. Sirenza Microdevices assumes no responsibility for inaccuracies or ommisions. Sirenza Microdevices assumes no responsibility for the use of this information, and all such information shall be entirely at the user's own risk. Prices and specifications are subject to change without notice. No patent rights or licenses to any of the circuits described herein are implied or granted to any third party. Sirenza Microdevices does not authorize or warrant any Sirenza Microdevices product for use in life-support devices and/or systems. Copyright 2002 Sirenza Microdevices, Inc. All worldwide rights reserved. 303 South Technology Court, Broomfield, CO 80021 GND NC NC NC Phone: (800) SMI-MMIC 1 http://www.sirenza.com EDS-103095 Rev E SGB-6433 DC-3.5GHz Active Bias Gain Block Detailed Performance Table: Vcc=5V, Ic=88mA, T=25C, Z=50ohms Symbol G OIP3 P1dB IRL ORL S12 NF Parameter Small Signal Gain Output 3rd Order Intercept Point Output Power at 1dB Compression Input Return Loss Output Return Loss Reverse Isolation Noise Figure Units dB dBm dBm dB dB dB dB 43.6 15.8 24.4 5.1 100MHz 21.2 500MHz 20.7 34.0 18.9 33.3 13.9 24.6 3.6 850MHz 20.0 33.0 18.5 25.6 12.2 25.0 3.6 1950MHz 16.0 31.0 18.5 15.0 11.5 24.4 4.1 2400MHz 15.0 31.0 17.5 13.8 10.2 23.8 4.6 9.7 11.3 22.5 5.2 3500MHz 12.3 Pin Out Description Pin # 1,2,4, 6, 7,8,11, 12,14 3 5 10 13 16 Backside Function NC RFIN GND RFOUT VBIAS VCC GND Description These are no connect pins. Leave them unconnected on the PC board. RF input pin. A DC voltage should not be connected externally to this pin An extra ground pin that is connected to the backside exposed paddle. Connection is optional. RF Output pin. Bias is applied to the Darlington stage thru this pin. This pin sources the current from the active bias circuit. Connect to pin 10 thru an inductor choke. This is Vcc for the active bias circuit. The backside exposed paddle is the main electrical GND and requires multiple vias in the PC board to GND. It is also the main thermal path. Simplified Device Schematic 16 15 14 13 Caution: ESD Sensitive Appropriate precaution in handling, packaging and testing devices must be observed. Absolute Maximum Ratings Parameters Value 150 6.5 0.75 -40 to +85 20 -40 to +150 +150 Unit mA V W C dBm C C 1 2 Active Bias Current (Ic total) 12 11 10 Device Voltage (VD) Power Dissipation Operating Lead Temperature (TL) RF Input Power Storage Temperature Range Operating Junction Temperature (TJ) 3 4 9 Operation of this device beyond any one of these limits may cause permanent damage. For reliable continuous operation the device voltage and current must not exceed the maximum operating values specified in the table on page one. Bias conditions should also satisfy the following expression: IDVD < (TJ - TL) / RTH' j-l 5 6 7 8 Phone: (800) SMI-MMIC 2 http://www.sirenza.com EDS-103095 Rev E 303 South Technology Court, Broomfield, CO 80021 SGB-6433 DC-3.5GHz Active Bias Gain Block Evaluation Board Data (Vcc=VBIAS = 5.0V, Ic = 88mA) Bias Tee substituted for DC feed inductor (L1) Gain vs Frequency 24.0 36.0 34.0 32.0 OIP3 vs. Frequency 22.0 OIP3 (dBm) +25c +85c 20.0 Gain (dB) 30.0 28.0 26.0 24.0 22.0 +25c +85c -40c 18.0 16.0 14.0 -40c 12.0 0.4 0.9 1.4 1.9 2.4 0.4 0.9 1.4 1.9 2.4 Frequency (GHz) Frequency (GHz) P1dB vs. Frequency 20.0 7.0 6.0 Noise Figure vs. Frequency 19.0 Noise Figure (dB) 5.0 4.0 3.0 +25c 2.0 1.0 0.0 +85c -40c P1dB (dBm) 18.0 17.0 16.0 +25c 15.0 +85c -40c 14.0 0.4 0.9 1.4 1.9 2.4 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 Frequency (GHz) Frequency (GHz) Ic vs. Temperature 0.140 0.120 Current vs. Voltage 0.120 0.100 0.100 Ic (mA) 0.060 Ic (A) + 85c + 25c -40c 0.080 0.080 0.060 0.040 0.020 0.000 4.4 4.6 4.8 5.0 5.2 5.4 5.6 5.8 6.0 6.2 0.040 0.020 0.000 Temperature 303 South Technology Court, Broomfield, CO 80021 Vc (Volts) Phone: (800) SMI-MMIC 3 http://www.sirenza.com EDS-103095 Rev E SGB-6433 DC-3.5GHz Active Bias Gain Block Evaluation Board Data (Vcc=VBIAS = 5.0V, Ic = 88mA) Bias Tee substituted for DC feed inductor (L1) l S11 l vs. Frequency 0.0 -5.0 -10.0 -15.0 25.0 +25c 20.0 +85c -40c 15.0 30.0 l S21 l vs. Frequency S11 (dB) -25.0 -30.0 -35.0 -40.0 -45.0 -50.0 0.0 1.0 2.0 3.0 4.0 5.0 6.0 +25c +85c -40c S21 (dB) -20.0 10.0 5.0 0.0 0.0 1.0 2.0 3.0 4.0 5.0 6.0 Frequency (GHz) Frequency (GHz) l S12 l vs. Frequency -18.0 0.0 -5.0 l S22 l vs. Frequency -20.0 -10.0 S 12 (dB) S22 (dB) +25c +85c -22.0 -15.0 -24.0 -20.0 +25c +85c -25.0 -40c -26.0 -40c -28.0 0.0 1.0 2.0 3.0 4.0 5.0 6.0 -30.0 0.0 1.0 2.0 3.0 4.0 5.0 6.0 Frequency (GHz) Frequency (GHz) 303 South Technology Court, Broomfield, CO 80021 Phone: (800) SMI-MMIC 4 http://www.sirenza.com EDS-103095 Rev E SGB-6433 DC-3.5GHz Active Bias Gain Block Typical Evaluation Board Schematic for 5.0V Vcc C4 C3 16 VCC NC NC Vbias L1 NC NC RFOUT NC 1 NC NC RFIN RFIN RFOUT C2 C1 NC Optional GND NC NC NC Evaluation Board - Board material GETEK, 31mil thick, Dk=4.2, 1 oz. copper Component Values By Band Designator 500MHz 1000pF 1uF 220pF 68 nH 850MHz 1000pF 1uF 68pF 33nH 1950MHz 2400MHz 1000pF 1uF 43pF 22nH 1000pF 1uF 22pF 18nH C4 C3 C4* C1, C2 L1 C3 1 L1 C2 * C4 is optional depending on application and filtering. Not required for SGB device operation. C1 Note: The amplifier can be run from a 8V supply by simply inserting a 33 ohm resistor in series with Vcc. 303 South Technology Court, Broomfield, CO 80021 Phone: (800) SMI-MMIC 5 http://www.sirenza.com EDS-103095 Rev E SGB-6433 DC-3.5GHz Active Bias Gain Block Part Marking The part will be symbolized with an "SGB-6433" marking designator on the top surface of the package. Part Number Ordering Information Part Number SGB-6433 Reel Size 13" Devices/Reel 3000 Package Outline Drawing (Dimensions in mm) Recommended Land Pattern (dimensions in mm[in].): Recommended PCB Soldermask (SMOBC) for Land Pattern(dimensions in mm[in]): 0.50 [0.020] 0.25 [0.010] 0.53 [0.021] 1.58 [0.062] 0.50 [0.020] 0.26 [0.010] 0.38 [0.015] 0.29 [0.011] 1.58 [0.062] 0.21 [0.008] 3.17 [0.125] 1.20 [0.047] 0.75 [0.030] 0.005 CHAMFER (8PL) O0.38 [O0.015] Plated Thru (4PL) 0.46 [0.018] 1.20 [0.047] 303 South Technology Court, Broomfield, CO 80021 Phone: (800) SMI-MMIC 6 http://www.sirenza.com EDS-103095 Rev E |
Price & Availability of SGB-6433 |